|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0930511001 Active rast_25_connector_system 5.00mm (.196") Pitch Appli-Mate RAST 2.5 Female Connector, Glow Wire Compliant, 3 Circuits, Natural, Open Endwalls, with Red Stripe Documents: 3D Model Drawing (PDF) Product Specification PS-99020-0040 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Crimp Quality Equipment Overview Product Name Use With IDT and Solder Connectors 93051 Yes rast_25_connector_system RAST 2.5 RAST Standard Interface Physical Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style Wire Size AWG 3 3 Natural 10 94V-2 Female Yes Yes Phosphor Bronze Tin Tin Polyester 1 Tray No 0.198 In 5.00 mm 0.198 In 5.00 mm 40 1.00 40 1.00 No -20C TO +120C IDT or Pierce 22, 24 Search Parts in this Series 93051Series Mates With Appli-Mate RAST 2.5 Header 93071 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # RAST 2.5 Semi0623006200 Automatic Terminator Machine For Appli-MateTM Connectors Electrical Current - Maximum per Contact Voltage - Maximum 2A 250V AC Material Info Reference - Drawing Numbers Application Specification Packaging Specification Product Specification Sales Drawing AS-99033-0008 PK-90871-001 PS-99020-0040 SD-93051-001 This document was generated on 05/28/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of SD-93051-001 |